Part Number Hot Search : 
APL5336 S2S3LB MUR60100 LM37102 00050 LM338 7022X11 RS0640
Product Description
Full Text Search
 

To Download KHB3D0N90F1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
General Description
KHB3D0N90P1/F1/F2
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB3D0N90P1
A O C F E G B Q I K M P L J D N N H
DIM A B C D E F G H I J K L M N O
1 2 3
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for electronic ballast and switch mode power supplies.
MILLIMETERS
FEATURES
VDSS= 900V, ID= 3A Drain-Source ON Resistance : RDS(ON)=4.5 Qg(typ.) = 25nC @VGS = 10V
_ 9.9 + 0.2 15.95 MAX 1.3+0.1/-0.05 _ 0.8 + 0.1 _ 3.6 + 0.2 _ 2.8 + 0.1 3.7 0.5+0.1/-0.05 1.5 _ 13.08 + 0.3 1.46 _ 1.4 + 0.1 _ 1.27 + 0.1 _ 2.54 + 0.2 _ 4.5 + 0.2 _ 2.4 + 0.2 _ 9.2 + 0.2
1. GATE 2. DRAIN 3. SOURCE
P Q
MAXIMUM RATING (Tc=25
)
RATING
TO-220AB
KHB3D0N90F1
CHARACTERISTIC
SYMBOL
F
KHB3D0N90F1 UNIT KHB3D0N90P1 KHB3D0N90F2 900 30 3.0 12 450 13 4.0 130 43 0.34 150 -55 150 3.0* A 12* mJ
D
A
C
B
Drain-Source Voltage Gate-Source Voltage Drain Current @TC=25 Pulsed (Note1) Single Pulsed Avalanche Energy (Note 2) Repetitive Avalanche Energy (Note 1) Peak Diode Recovery dv/dt (Note 3) Drain Power Dissipation Tc=25 Derate above25
VDSS VGSS ID IDP EAS EAR dv/dt PD 1.04 Tj Tstg
V V
O
E
DIM
MILLIMETERS
L
M
R
mJ V/ns W W/
N
N
H
Q
1
2
3
A B C D E F G H J K L M N O Q R
_ 10.16 + 0.2 _ 15.87 + 0.2 _ 2.54 + 0.2 _ 0.8 + 0.1 _ 3.18 + 0.1 _ 3.3 + 0.1 _ 12.57 + 0.2 _ 0.5 + 0.1 13.0 MAX _ 3.23 + 0.1 1.47 MAX 1.47 MAX _ 2.54 + 0.2 _ 6.68 + 0.2 _ 4.7 + 0.2 _ 2.76 + 0.2
K
G J
1. GATE 2. DRAIN 3. SOURCE
TO-220IS (1)
Maximum Junction Temperature Storage Temperature Range Thermal Characteristics Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-toAmbient
KHB3D0N90F2
A C
RthJC RthJA
0.96 62.5
2.9 62.5
/W /W
S E
F
P
DIM
MILLIMETERS
* : Drain current limited by maximum junction temperature.
K
L L R
PIN CONNECTION
D
M D
D
N N H
G
1
2
3
A B C D E F G H J K L M N P Q R S
_ 10.0 + 0.3 _ 15.0 + 0.3 _ 2.70 + 0.3 0.76+0.09/-0.05 _ 3.2 +0.2 _ 3.0 + 0.3 _ 0.3 12.0 + 0.5+0.1/-0.05 _ 13.6 + 0.5 _ 3.7 + 0.2 1.2+0.25/-0.1 1.5+0.25/-0.1 _ 2.54 + 0.1 _ 6.8 + 0.1 _ 4.5 + 0.2 _ 2.6 + 0.2 0.5 Typ
G Q J
1. GATE 2. DRAIN 3. SOURCE
S
TO-220IS
2007. 9. 10
Revision No : 0
B
1/7
KHB3D0N90P1/F1/F2
ELECTRICAL CHARACTERISTICS (Tc=25
CHARACTERISTIC
)
TEST CONDITION MIN. TYP. MAX. UNIT
SYMBOL
Static
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Gate Threshold Voltage Drain Cut-off Current Gate Leakage Current Drain-Source ON Resistance BVDSS BVDSS/ Tj Vth IDSS IGSS RDS(ON) ID=250 A, VGS=0V ID=250 A, Referenced to 25 VDS=VGS, ID=250 A VDS=900V, VGS=0V, VGS= 30V, VDS=0V VGS=10V, ID=1.5A 900 2.0 1 4.0 4.0 10 100 4.5 V V/ V A nA
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Delay time Turn-on Rise time Turn-off Delay time Turn-off Fall time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Ratings Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS VGSNote 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L =94mH, IS=3.0A, VDD=50V, RG=25 , Starting Tj=25 . Note 3) IS 3.0A, dI/dt 200A/ , VDD 300 BVDSS, Starting Tj=25 , Duty Cycle 2%. . Note 4) Pulse Test : Pulse width
Note 5) Essentially independent of operating temperature.
2007. 9. 10
Revision No : 0
2/7
KHB3D0N90P1/F1/F2
ID - VDS
10
1
VGS TOP : 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom: 5.5V
ID - VGS
10
1
VDS = 50V 250s Pulse Test
Drain Current ID (A)
10
0
Drain Current ID (A)
10
0
150 C 25 C -55 C
10
-1
10
-2
10
-1
10
0
10
1
10
-1
2
4
6
8
10
Drain - Source Voltage VDS (V)
Gate - Source Voltage VGS (V)
BVDSS - Tj
Normalized Breakdown Voltage BVDSS
4.2
VGS = 0V IDS = 250
RDS(ON) - ID
On - Resistance RDS(ON) ()
1.2
4.0 3.8
VGS = 10V
1.1
1.0
3.6 3.4 3.2 0
0.9
0.8 -100
1
2
3
-50
0
50
100
150
Junction Temperature Tj ( C )
Drain Current ID (A)
IS - VSD RDS(ON) - Tj
Reverse Drain Current IS (A)
10
1
VGS = 50V 250s Pulse Test
2.5
Normalized On Resistance
VGS =10V ID = 1.5A
2.0 1.5 1.0 0.5 0.0 -100
10
0
150 C
25 C
10
-1
0.2
0.4
0.6
0.8
1.0
1.2
-50
0
50
100
150
Source - Drain Voltage VSD (V) Junction Temperture Tj ( C)
2007. 9. 10
Revision No : 0
3/7
KHB3D0N90P1/F1/F2
C - VDS
3000 2500 Ciss 12
Qg- VGS
Gate - Source Voltage VGS (V)
VGS = 0V Frequency = 1MHz ID = 9.0A VDS = 180V VDS = 450V
10 8
Capacitance (pF)
2000 1500
Coss
VDS = 720V
6 4 2 0
1000
Crss
500 0
10-1
100
101
0
5
10
15
20
25
30
Drain - Source Voltage VDS (V)
Gate - Charge Qg (nC)
Safe Operation Area
(KHB3D0N90P1) 102
Operation in this area is limited by RDS(ON)
100s
Safe Operation Area
(KHB3D0N90F1)
Operation in this area is limited by RDS(ON)
Drain Current ID (A)
101
1ms
10ms DC
Drain Current ID (A)
101
100s
1ms
10ms
100
100
100ms DC
10-1
Tc= 25 C Tj = 150 C -2 Single nonrepetitive pulse 10
10-1
Tc= 25 C Tj = 150 C Single nonrepetitive pulse
100
101
102
103
10-2 0 10
101
102
103
Drain - Source Voltage VDS (V)
Drain - Source Voltage VDS (V)
ID - Tj
4
Drain Current ID (A)
3
2
1
0 25
50
75
100
125
150
Junction Temperature Tj ( C )
2007. 9. 10
Revision No : 0
4/7
KHB3D0N90P1/F1/F2
Rth
{KHB3D0N90P1}
100
Duty=0.5
Transient Thermal Resistance [ C / W]
0.2
10-1
0.1
0.05
PDM t1 t2
0.02
0.0
1
g Sin
le
Pu
lse
- Duty Factor, D= t1/t2 - RthJC = Tj(max) - Tc PD 100 101
10-2 10-5 10-4 10-3 10-2 10-1
Square Wave Pulse Duration (sec)
Rth
{KHB3D0N90F1}
Transient Thermal Resistance [ C / W]
100
Duty=0.5
0.2
0.1
0.05
10-1
0.02
0.01
Sin gle Pu
PDM t1 t2
lse
10-2 10-5
- Duty Factor, D= t1/t2 Tj(max) - Tc - RthJC = PD 10-3 10-2 10-1 100 101
10-4
Square Wave Pulse Duration (sec)
2007. 9. 10
Revision No : 0
5/7
KHB3D0N90P1/F1/F2
- Gate Charge
VGS 10 V ID Fast Recovery Diode
0.8 VDSS 1.0 mA
ID
VDS Qgs VGS Qgd Qg
Q
- Single Pulsed Avalanche Energy
EAS= 1 LIAS2 2
BVDSS BVDSS - VDD
BVDSS
L
IAS
0.5 VDSS
25 VDS ID(t)
VDD
10 V VGS
VDS(t)
Time tp
2007. 9. 10
Revision No : 0
6/7
KHB3D0N90P1/F1/F2
- Resistive Load Switching
VDS RL 0.5 VDSS 25 VGS 10% tf 10V td(on) VGS ton tr td(off) toff 90%
VDS
- Source - Drain Diode Reverse Recovery and dv /dt
Body Diode Forword Current DUT VDS IF
ISD (DUT)
IRM
di/dt
0.8 x VDSS
driver
IS VDS (DUT)
Body Diode Reverse Current
Body Diode Recovery dv/dt VSD
10V
VGS Body Diode Forword Voltage drop
VDD
2007. 9. 10
Revision No : 0
7/7


▲Up To Search▲   

 
Price & Availability of KHB3D0N90F1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X